|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE1375 Integrated Circuit Audio Power Amp for Car Radio, 5.8W Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V VC Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Electrical Characteristics: (TA = +25C, VCC = 13.2V, RL = 4, f = 1kHz unless otherwise specified) Parameter Quiescent Current Voltage Gain Output Power Total Harmonic Distortion Input Noise Voltage Input Resistance Ripple Rejection Symbol Iq GVE POUT THD VNO Rin RR VIN = 0 RNF = 68 THD = 10% POUT = 0.5W Rg = 10k f = 1kHz fRR = 100Hz, -10dB Test Conditions Min - 52 5.0 - - - - Typ 35 55 5.8 003 1.0 180 40 Max 80 58 - 1.5 - - - Unit mA dB W % mV k dB Pin Connection Diagram (Front View) 10 VCC 9 8 7 6 5 4 3 2 1 Bootstrap Phase Comp Phase Comp Negative Feedback Input Filter Test Point GND Output 1.043 (26.5) .984 (25.0) .141 (3.6) .409 (10.4) .700 (17.78) 1.063 (27.0) .251 (6.4) 1 10 .330 (8.38) .100 (2.54) .897 (22.8) .070 (1.78) |
Price & Availability of NTE1375 |